công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1057 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1057 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1053Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1054Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1055Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1056Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1057Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1058Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1059Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1060Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1061Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1057 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 1009 of 1198
REJ09B0403-0200
On receiving block number H'FF, the boot program will stop erasure and wait for a selection
command.
Command
H'58
Size
Block number
SUM
• Command, H'58, (1 byte): Erasure
• Size, (1 byte): The number of bytes that represents the block number
This is fixed to 1.
• Block number (1 byte): H'FF
Stop code for erasure
• SUM (1 byte): Checksum
Response
H'06
• Response, H'06, (1 byte): Response to end of erasure (ACK)
When erasure is to be performed after the block number H'FF has been sent, the procedure
should be executed from the erasure selection command.
(11) Memory read
The boot program will return the data in the specified address.
Command
H'52
Size
Area
Read address
Read size
SUM
• Command: H'52 (1 byte): Memory read
• Size (1 byte): Amount of data that represents the area, read address, and read size (fixed at 9)
• Area (1 byte)
H'00: User boot MAT
H'01: User MAT
An address error occurs when the area setting is incorrect.
• Read address (4 bytes): Start address to be read from
• Read size (4 bytes): Size of data to be read
• SUM (1 byte): Checksum
Response
H'52
Read size
Data
···
SUM
• Response: H'52 (1 byte): Response to memory read
• Read size (4 bytes): Size of data to be read
• Data (n bytes): Data for the read size from the read address
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com