công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1052 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1052 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1048Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1049Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1050Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1051Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1052Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1053Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1054Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1055Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1056Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1052 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 1004 of 1198
REJ09B0403-0200
•
Programming
Programming is executed by a programming-selection command and a 128-byte programming
command.
Firstly, the host should send the programming-selection command and select the programming
method and programming MATs. There are two programming selection commands, and
selection is according to the area and method for programming.
1. User boot MAT programming selection
2. User MAT programming selection
After issuing the programming selection command, the host should send the 128-byte
programming command. The 128-byte programming command that follows the selection
command represents the data programmed according to the method specified by the selection
command. When more than 128-byte data is programmed, 128-byte commands should
repeatedly be executed. Sending a 128-byte programming command with H'FFFFFFFF as the
address will stop the programming. On completion of programming, the boot program will
wait for selection of programming or erasing.
Where the sequence of programming operations that is executed includes programming with
another method or of another MAT, the procedure must be repeated from the programming
selection command.
The sequence for programming-selection and 128-byte programming commands is shown in
figure 25.24.
Transfer of the
programming
program
Host
Boot program
Programming selection (H'42, H'43)
ACK
Programming
128-byte programming (address, data)
ACK
128-byte programming (H'FFFFFFFF)
ACK
Repeat
Figure 25.24 Programming Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com