công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1049 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1049 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1045Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1046Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1047Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1048Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1049Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1050Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1051Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1052Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1053Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1049 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 1001 of 1198
REJ09B0403-0200
(6)
Transition to Programming/Erasing State
The boot program will transfer the erasing program, and erase the user MATs and user boot MATs
in that order. On completion of this erasure, ACK will be returned and will enter the
programming/erasing state.
The host should select the device code, clock mode, and new bit rate with device selection, clock-
mode selection, and new bit-rate selection commands, and then send the command for the
transition to programming/erasing state. These procedures should be carried out before sending of
the programming selection command or program data.
Command
H'40
• Command, H'40, (1 byte): Transition to programming/erasing state
Response
H'06
• Response, H'06, (1 byte): Response to transition to programming/erasing state
The boot program will send ACK when the user MAT and user boot MAT have been erased
by the transferred erasing program.
Error Response
H'C0
H'51
• Error response, H'C0, (1 byte): Error response for user boot MAT blank check
•
Error code, H'51, (1 byte): Erasing error
An error occurred and erasure was not completed.
(7)
Command Error
A command error will occur when a command is undefined, the order of commands is incorrect,
or a command is unacceptable. Issuing a clock-mode selection command before a device selection
or an inquiry command after the transition to programming/erasing state command, are examples.
Error Response
H'80
H'xx
• Error response, H'80, (1 byte): Command error
• Command, H'xx, (1 byte): Received command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com