công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1045 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1045 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1041Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1042Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1043Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1044Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1045Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1046Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1047Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1048Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1049Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1045 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 997 of 1198
REJ09B0403-0200
• Area-last address (4 bytes): Last address of the area
There are as many groups of data representing the start and last addresses as there are areas.
• SUM (1 byte): Checksum
(i)
Erased Block Information Inquiry
The boot program will return the number of erased blocks and their addresses.
Command
H'26
• Command, H'26, (1 byte): Inquiry regarding erased block information
Response
H'36
Size
Number of blocks
Block start address
Block last address
···
SUM
• Response, H'36, (1 byte): Response to the number of erased blocks and addresses
• Size (three bytes): The number of bytes that represents the number of blocks, block-start
addresses, and block-last addresses.
• Number of blocks (1 byte): The number of erased blocks
• Block start address (4 bytes): Start address of a block
• Block last Address (4 bytes): Last address of a block
There are as many groups of data representing the start and last addresses as there are areas.
• SUM (1 byte): Checksum
(j)
Programming Unit Inquiry
The boot program will return the programming unit used to program data.
Command
H'27
•
Command, H'27, (1 byte): Inquiry regarding programming unit
Response
H'37
Size
Programming unit
SUM
• Response, H'37, (1 byte): Response to programming unit inquiry
• Size (1 byte): The number of bytes that indicate the programming unit, which is fixed to 2
• Programming unit (2 bytes): A unit for programming
This is the unit for reception of programming.
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com