công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1044 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1044 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1040Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1041Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1042Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1043Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1044Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1045Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1046Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1047Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1048Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1044 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 996 of 1198
REJ09B0403-0200
(g)
User Boot MAT Information Inquiry
The boot program will return the number of user boot MATs and their addresses.
Command
H'24
•
Command, H'24, (1 byte): Inquiry regarding user boot MAT information
Response
H'34
Size
Number of areas
Area-start address
Area-last address
···
SUM
• Response, H'34, (1 byte): Response to user boot MAT information inquiry
• Size (1 byte): The number of bytes that represents the number of areas, area-start addresses,
and area-last address
• Number of Areas (1 byte): The number of consecutive user boot MAT areas
When user boot MAT areas are consecutive, the number of areas returned is H'01.
• Area-start address (4 byte): Start address of the area
• Area-last address (4 byte): Last address of the area
There are as many groups of data representing the start and last addresses as there are areas.
• SUM (1 byte): Checksum
(h)
User MAT Information Inquiry
The boot program will return the number of user MATs and their addresses.
Command
H'25
•
Command, H'25, (1 byte): Inquiry regarding user MAT information
Response
H'35
Size
Number of areas
Start address area
Last address area
···
SUM
• Response, H'35, (1 byte): Response to the user MAT information inquiry
• Size (1 byte): The number of bytes that represents the number of areas, area-start address and
area-last address
• Number of areas (1 byte): The number of consecutive user MAT areas
When the user MAT areas are consecutive, the number of areas is H'01.
• Area-start address (4 bytes): Start address of the area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com