công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1040 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1040 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1036Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1037Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1038Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1039Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1040Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1041Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1042Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1043Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1044Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1040 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 992 of 1198
REJ09B0403-0200
(b)
Device Selection
The boot program will set the supported device to the specified device code. The program will
return the selected device code in response to the inquiry after this setting has been made.
Command
H'10
Size
Device code
SUM
• Command, H'10, (1 byte): Device selection
• Size (1 byte): Amount of device-code data
This is fixed at 4
• Device code (4 bytes): Device code (ASCII code) returned in response to the supported device
inquiry
• SUM (1 byte): Checksum
Response
H'06
• Response, H'06, (1 byte): Response to the device selection command
ACK will be returned when the device code matches.
Error response
H'90
ERROR
• Error response, H'90, (1 byte): Error response to the device selection command
ERROR
: (1 byte): Error code
H'11: Sum check error
H'21: Device code error, that is, the device code does not match
(c)
Clock Mode Inquiry
The boot program will return the supported clock modes in response to the clock mode inquiry.
Command
H'21
• Command, H'21, (1 byte): Inquiry regarding clock mode
Response
H'31
Size
Number of modes
Mode
···
SUM
• Response, H'31, (1 byte): Response to the clock-mode inquiry
• Size (1 byte): Amount of data that represents the number of modes and modes
• Number of clock modes (1 byte): The number of supported clock modes
H'00 indicates no clock mode or the device allows to read the clock mode.
• Mode (1 byte): Values of the supported clock modes (i.e. H'01 means clock mode 1.)
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com