công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1038 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1038 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1034Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1035Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1036Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1037Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1038Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1039Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1040Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1041Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1042Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1038 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 990 of 1198
REJ09B0403-0200
• Size (4 bytes): 4-byte response to a memory read
(4)
Inquiry and Selection States
The boot program returns information from the flash memory in response to the host's inquiry
commands and sets the device code, clock mode, and bit rate in response to the host's selection
command.
Inquiry and selection commands are listed below.
Table 25.12 Inquiry and Selection Commands
Command
Command Name
Description
H'20
Supported Device Inquiry
Inquiry regarding device codes
H'10
Device Selection
Selection of device code
H'21
Clock Mode Inquiry
Inquiry regarding numbers of clock modes and
values of each mode
H'11
Clock Mode Selection
Indication of the selected clock mode
H'22
Multiplication Ratio Inquiry
Inquiry regarding the number of frequency-
multiplied clock types, the number of
multiplication ratios, and the values of each
multiple
H'23
Operating Clock Frequency Inquiry Inquiry regarding the maximum and minimum
values of the main clock and peripheral clocks
H'24
User Boot MAT Information Inquiry
Inquiry regarding the number of user boot
MATs and the start and last addresses of
each MAT
H'25
User MAT Information Inquiry
Inquiry regarding the a number of user MATs
and the start and last addresses of each MAT
H'26
Block for Erasing Information
Inquiry
Inquiry regarding the number of blocks and
the start and last addresses of each block
H'27
Programming Unit Inquiry
Inquiry regarding the unit of programming data
H'3F
New Bit Rate Selection
Selection of new bit rate
H'40
Transition to Programming/Erasing
State
Erasing of user MAT and user boot MAT, and
entry to programming/erasing state
H'4F
Boot Program Status Inquiry
Inquiry into the operated status of the boot
program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com