công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1034 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1034 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1030Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1031Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1032Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1033Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1034Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1035Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1036Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1037Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1038Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1034 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 986 of 1198
REJ09B0403-0200
25.8
Serial Communication Interface Specification for Boot Mode
Initiating boot mode enables the boot program to communicate with the host by using the internal
SCI. The serial communication interface specification is shown below.
(1)
Status
The boot program has three states.
1. Bit-Rate-Adjustment State
In this state, the boot program adjusts the bit rate to communicate with the host. Initiating boot
mode enables starting of the boot program and entry to the bit-rate-adjustment state. The
program receives the command from the host to adjust the bit rate. After adjusting the bit rate,
the program enters the inquiry/selection state.
2. Inquiry/Selection State
In this state, the boot program responds to inquiry commands from the host. The device name,
clock mode, and bit rate are selected. After selection of these settings, the program is made to
enter the programming/erasing state by the command for a transition to the
programming/erasing state. The program transfers the libraries required for erasure to the on-
chip RAM and erases the user MATs and user boot MATs before the transition.
3. Programming/erasing state
Programming and erasure by the boot program take place in this state. The boot program is
made to transfer the programming/erasing programs to the RAM by commands from the host.
Sum checks and blank checks are executed by sending these commands from the host.
These boot program states are shown in figure 25.20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com