công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1030 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1030 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1026Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1027Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1028Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1029Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1030Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1031Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1032Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1033Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1034Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1030 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 982 of 1198
REJ09B0403-0200
25.5.2
Software Protection
Software protection is set up in any of two ways: by disabling the downloading of on-chip
programs for programming and erasing and by means of a key code.
Table 25.11 Software Protection
Function to be Protected
Item
Description
Download
Program/Erase
Protection by the
SCO bit
• The program/erase-protected state is
entered by clearing the SCO bit in
FCCS which disables the downloading
of the programming/erasing programs.
Protection by the
FKEY register
• Downloading and
programming/erasing are disabled
unless the required key code is written
in FKEY. Different key codes are used
for downloading and for
programming/erasing.
25.5.3
Error Protection
Error protection is a mechanism for aborting programming or erasure when an error occurs, in the
form of the microcomputer entering runaway during programming/erasing of the flash memory or
operations that are not according to the established procedures for programming/erasing. Aborting
programming or erasure in such cases prevents damage to the flash memory due to excessive
programming or erasing.
If the microcomputer malfunctions during programming/erasing of the flash memory, the FLER
bit in the FCCS register is set to 1 and the error-protection state is entered, and this aborts the
programming or erasure.
The FLER bit is set in the following conditions:
1. When an interrupt such as NMI occurs during programming/erasing.
2. When the flash memory is read during programming/erasing (including a vector read or an
instruction fetch).
3. When a SLEEP instruction (including software-standby mode) is executed during
programming/erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com