công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1033 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1033 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1029Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1030Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1031Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1032Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1033Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1034Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1035Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1036Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1037Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1033 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 985 of 1198
REJ09B0403-0200
25.7
Programmer Mode
Along with its on-board programming mode, this LSI also has a programmer mode as a further
mode for the programming and erasing of programs and data. In the programmer mode, a general-
purpose PROM programmer, which supports microcomputers with 512-Kbyte flash memory as a
device type*
1, can freely be used to write programs to the on-chip ROM. Program/erase is possible
on the user MAT and user boot MAT*
2.
A status-polling system is adopted for operation in automatic program, automatic erase, and
status-read modes. In the status-read mode, details of the system’s internal signals are output after
execution of automatic programming or automatic erasure. In programmer mode, provide a 6-
MHz input-clock signal.
Notes: 1. For the PROM programmer and the version of its program, see the instruction manuals
for socket adapter.
2. In this LSI, set the programming voltage of the PROM programmer to 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com