| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2472 bảng dữ liệu(PDF) 1032 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 bảng dữ liệu(HTML) 1032 Page - Renesas Technology Corp |
|
1032 / 1250 page ![]() Section 25 Flash Memory Rev. 2.00 Aug. 20, 2008 Page 984 of 1198 REJ09B0403-0200 25.6 Switching between User MAT and User Boot MAT It is possible to alternate between the user MAT and user boot MAT. However, the following procedure is required because these MATs are allocated to address 0. (Switching to the user boot MAT disables programming and erasing. Programming of the user boot MAT should take place in boot mode or programmer mode.) 1. MAT switching by FMATS should always be executed from the on-chip RAM. 2. To ensure that the MAT that has been switched to is accessible, execute four NOP instructions in the on-chip RAM immediately after writing to FMATS of the on-chip RAM (this prevents access to the flash memory during MAT switching). 3. If an interrupt has occurred during switching, there is no guarantee of which memory MAT is being accessed. Always mask the maskable interrupts before switching between MATs. In addition, configure the system so that NMI interrupts do not occur during MAT switching. 4. After the MATs have been switched, take care because the interrupt vector table will also have been switched. If interrupt processing is to be the same before and after MAT switching, transfer the interrupt-processing routines to the on-chip RAM and set the WEINTE bit in FCCS to place the interrupt-vector table in the on-chip RAM. 5. Memory sizes of the user MAT and user boot MAT are different. When accessing the user boot MAT, do not access addresses above the top of its 16-Kbyte memory space. If access goes beyond the 16-Kbyte space, the values read are undefined. <User MAT><On-chip RAM><User boot MAT> Procedure for switching to the user boot MAT Procedure for switching to the user MAT Procedure for switching to the user boot MAT (1) Mask interrupts (2) Write H'AA to FMATS. (3) Execute four NOP instructions before accessing the user boot MAT. Procedure for switching to the user MAT (1) Mask interrupts (2) Write a value other than H'AA to FMATS. (3) Execute four NOP instructions before accessing the user MAT. Figure 25.19 Switching between the User MAT and User Boot MAT |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |