công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1031 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1031 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1027Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1028Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1029Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1030Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1031Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1032Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1033Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1034Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1035Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1031 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 983 of 1198
REJ09B0403-0200
4. When a bus master other than the CPU, such as the DTC, gets bus mastership during
programming/erasing.
Error protection is cancelled only by a reset or by hardware-standby mode. Note that the reset
should be released after the reset period of 100
µs which is longer than normal. Since high
voltages are applied during programming/erasing of the flash memory, some voltage may remain
after the error-protection state has been entered. For this reason, it is necessary to reduce the risk
of damage to the flash memory by extending the reset period so that the charge is released.
The state-transition diagram in figure 25.18 shows transitions to and from the error-protection
state.
Reset or hardware
standby
(Hardware protection)
Program mode
Erase mode
Error protection mode
Error-protection mode
(Software standby)
Read disabled
Programming/erasing
enabled FLER = 0
Read disabled
Programming/erasing disabled
FLER = 0
Read enabled
Programming/erasing disabled
FLER = 1
Read disabled
programming/erasing disabled
FLER = 1
RES = 0 or STBY = 0
Error occurrence
Error
occurred
(Software
stan
dby)
RES
= 0
or
STBY
= 0
Software-standby mode
Cancel
software-standby mode
RES = 0 or
STBY = 0
Program/erase interface
register is in its initial state.
Program/erase interface
register is in its initial state.
Figure 25.18 Transitions to Error-Protection State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com