công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1029 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1029 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1025Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1026Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1027Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1028Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1029Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1030Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1031Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1032Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1033Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1029 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 981 of 1198
REJ09B0403-0200
Table 25.10 Hardware Protection
Function to be Protected
Item
Description
Download
Program/Erase
FWE pin protection
• When a low level signal is input to the
FWE pin, the FWE bit in FCCS is
cleared and the program/erase-
protected state is entered.
Reset/standby
protection
• The program/erase interface registers
are initialized in the reset state
(including a reset by the WDT) and
standby mode and the program/erase-
protected state is entered.
• The reset state will not be entered by
a reset using the
RES pin unless the
RES pin is held low until oscillation
has stabilized after power is initially
supplied. In the case of a reset during
operation, hold the
RES pin low for the
RES pulse width that is specified in
the section on AC characteristics
section. If a reset is input during
programming or erasure, data values
in the flash memory are not
guaranteed. In this case, execute
erasure and then execute program
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com