| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2472 bảng dữ liệu(PDF) 1036 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 bảng dữ liệu(HTML) 1036 Page - Renesas Technology Corp |
|
1036 / 1250 page ![]() Section 25 Flash Memory Rev. 2.00 Aug. 20, 2008 Page 988 of 1198 REJ09B0403-0200 (2) Bit-Rate-Adjustment State The bit rate is calculated by measuring the period of transfer of a low-level byte (H'00) from the host. The bit rate can be changed by the command for a new bit rate selection. After the bit rate has been adjusted, the boot program enters the inquiry and selection state. The bit-rate-adjustment sequence is shown in figure 25.21. Host Boot Program H'00 (30 times maximum) H'E6 (Boot response) Measuring the 1-bit length H'00 (Completion of adjustment) H'55 (H'FF (error)) Figure 25.21 Bit-Rate-Adjustment Sequence (3) Communications Protocol After adjustment of the bit rate, the protocol for communications between the host and the boot program is as shown below. 1. 1-byte commands and 1-byte responses These commands and responses are comprised of a single byte. These are consists of the inquiries and the ACK for successful completion. 2. n-byte commands or n-byte responses These commands and responses are comprised of n bytes of data. These are selections and responses to inquiries. The amount of programming data is not included under this heading because it is determined in another command. 3. Error response The error response is a response to inquiries. It consists of an error response and an error code and comes two bytes. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |