công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1039 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1039 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1035Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1036Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1037Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1038Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1039Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1040Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1041Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1042Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1043Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1039 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 991 of 1198
REJ09B0403-0200
The selection commands, which are device selection (H'10), clock mode selection (H'11), and new
bit rate selection (H'3F), should be sent from the host in that order. These commands will certainly
be needed. When two or more selection commands are sent at once, the last command will be
valid.
All of these commands, except for the boot program status inquiry command (H'4F), will be valid
until the boot program receives the programming/erasing transition (H'40). The host can choose
the needed commands out of the commands and inquiries listed above. The boot program status
inquiry command (H'4F) is valid after the boot program has received the programming/erasing
transition command (H'40).
(a)
Supported Device Inquiry
The boot program will return the device codes of supported devices and the product code in
response to the supported device inquiry.
Command
H'20
• Command, H'20, (1 byte): Inquiry regarding supported devices
Response
H'30
Size
Number of devices
Number of
characters
Device code
Product name
···
SUM
• Response, H'30, (1 byte): Response to the supported device inquiry
• Size (1 byte): Number of bytes to be transmitted, excluding the command, size, and checksum,
that is, the amount of data contributes by the number of devices, characters, device codes and
product names
• Number of devices (1 byte): The number of device types supported by the boot program
• Number of characters (1 byte): The number of characters in the device codes and boot
program's name
• Device code (4 bytes): ASCII code of the supporting product
• Product name (n bytes): Type name of the boot program in ASCII-coded characters
• SUM (1 byte): Checksum
The checksum is calculated so that the total number of all values from the command byte to
the SUM byte becomes H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com