công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1043 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1043 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1039Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1040Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1041Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1042Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1043Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1044Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1045Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1046Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1047Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1043 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 995 of 1198
REJ09B0403-0200
(f)
Operating Clock Frequency Inquiry
The boot program will return the number of operating clock frequencies, and the maximum and
minimum values.
Command
H'23
• Command, H'23, (1 byte): Inquiry regarding operating clock frequencies
Response
H'33
Size
Number of operating clock
frequencies
Minimum value of operating
clock frequency
Maximum value of operating clock
frequency
···
SUM
• Response, H'33, (1 byte): Response to operating clock frequency inquiry
• Size (1 byte): The number of bytes that represents the minimum values, maximum values, and
the number of frequencies.
• Number of operating clock frequencies (1 byte): The number of supported operating clock
frequency types
(e.g. when there are two operating clock frequency types, which are the main and peripheral
clocks, the number of types will be H'02.)
• Minimum value of operating clock frequency (2 bytes): The minimum value of the multiplied
or divided clock frequency.
The minimum and maximum values represent the values in MHz, valid to the hundredths place
of MHz, and multiplied by 100. (e.g. when the value is 20.00 MHz, it will be 2000, which is
H'07D0.)
• Maximum value (2 bytes): Maximum value among the multiplied or divided clock frequencies.
There are as many pairs of minimum and maximum values as there are operating clock
frequencies.
•
SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com