công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1063 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1063 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1059Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1060Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1061Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1062Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1063Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1064Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1065Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1066Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1067Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1063 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 1015 of 1198
REJ09B0403-0200
11. If data other than H'FFFFFFFF is written to the key code area (H'00003C to H'00003F) of
flash memory, only H'00 can be read in programmer mode. (In this case, data is read as H'00.
Rewrite is possible after erasing the data.) For reading in programmer mode, make sure to
write H'FFFFFFFF to the entire key code area. If data other than H'FF is to be written to the
key code area in programmer mode, a verification error will occur unless a software
countermeasure is taken for the PROM programmer and the version of its program.
12. The programming program that includes the initialization routine and the erasing program that
includes the initialization routine are each 3 Kbytes or less. Accordingly, when the CPU clock
frequency is 34 MHz, the download for each program takes approximately 180
µs at the
maximum.
13. While an instruction in on-chip RAM is being executed, the DTC can write to the SCO bit in
FCCS that is used for a download request or FMATS that is used for MAT switching. Make
sure that these registers are not accidentally written to, otherwise an on-chip program may be
downloaded and damage RAM or a MAT switchover may occur and the CPU get out of
control. Do not use DTC to program flash related registers.
14. A programming/erasing program for flash memory used in the conventional H8S F-ZTAT
microcomputer which does not support download of the on-chip program by a SCO transfer
request cannot run in this LSI. Be sure to download the on-chip program to execute
programming/erasing of flash memory in this LSI.
15. Unlike the conventional H8S F-ZTAT microcomputer, no countermeasures are available for a
runaway by WDT during programming/erasing. Prepare countermeasures (e.g. use of the
periodic timer interrupts) for WDT with taking the programming/erasing time into
consideration as required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com