công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 766 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 766 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 762Page - Renesas Technology Corp H8S/2472 Datasheet HTML 763Page - Renesas Technology Corp H8S/2472 Datasheet HTML 764Page - Renesas Technology Corp H8S/2472 Datasheet HTML 765Page - Renesas Technology Corp H8S/2472 Datasheet HTML 766Page - Renesas Technology Corp H8S/2472 Datasheet HTML 767Page - Renesas Technology Corp H8S/2472 Datasheet HTML 768Page - Renesas Technology Corp H8S/2472 Datasheet HTML 769Page - Renesas Technology Corp H8S/2472 Datasheet HTML 770Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 766 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 718 of 1198
REJ09B0403-0200
19.3.25
BT Status Register 0 (BTSR0)
BTSR0 is one of the registers used to implement BT mode. This register includes flags that control
interrupts to the slave (this LSI).
R/W
Bit
Bit Name Initial Value Slave Host Description
7 to 5
All 0
R/W
Reserved
The initial value should not be changed.
4
FRDI
0
R/(W)*
FIFO Read Request Interrupt
This status flag indicates that host writes the data to
BTDTR buffer with FIFO full state at the host write
transfer. When the IBFIE3 bit and FRDIE bit are set
to 1, IBFI3 interrupt is requested to the slave. The
slave must clear the flag after creating an unused
area by reading the data in FIFO.
0: FIFO read is not requested
[Clearing condition]
After the slave reads FRDI = 1, writes 0 to this bit.
1: FIFO read is requested
[Setting condition]
After the host processor transfers data, the host
writes the data with FIFO Full state.
3
HRDI
0
R/(W)*
BT Host Read Interrupt
This status flag indicates that the host reads 1 byte
from BTDTR buffer. When the IBFIE3 bit and HRDIE
bit are set to 1, IBFI3 interrupt is requested to the
slave.
0: Host BTDTR read wait state
[Clearing condition]
After the slave reads HRDI = 1, writes 0 to this bit.
1: The host reads from BTDTR
[Setting condition]
The host reads one byte from BTDTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com