công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 770 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 770 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 766Page - Renesas Technology Corp H8S/2472 Datasheet HTML 767Page - Renesas Technology Corp H8S/2472 Datasheet HTML 768Page - Renesas Technology Corp H8S/2472 Datasheet HTML 769Page - Renesas Technology Corp H8S/2472 Datasheet HTML 770Page - Renesas Technology Corp H8S/2472 Datasheet HTML 771Page - Renesas Technology Corp H8S/2472 Datasheet HTML 772Page - Renesas Technology Corp H8S/2472 Datasheet HTML 773Page - Renesas Technology Corp H8S/2472 Datasheet HTML 774Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 770 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 722 of 1198
REJ09B0403-0200
R/W
Bit
Bit Name
Initial
Value
Slave
Host Description
4
BEVTI
0
R/(W)*
BEVT_ATN Clear Interrupt
This status flag indicates that the BEVT_ATN bit in
BTCR is cleared by the host. When the IBFIE3 bit
and BEVTIE bit are set to 1, IBFI3 interrupt is
requested to the slave.
0: [Clearing condition]
When the slave reads BEVTI = 1 and writes 0 to
this bit.
1: [Setting condition]
When the slave detects the falling edge of
BEVT_ATN.
3
B2HI
0
R/(W)*
Read End Interrupt
This status flag indicates that the host has finished
reading all data from the BTDTR buffer. When the
IBFIE3 bit and B2HIE bit are set to 1, the IBFI3
interrupt is requested to the slave.
0: [Clearing condition]
When the slave reads B2HI = 1 and writes 0 to
this bit.
1: [Setting conditions]
When the slave detects the falling edge of
B2H_ATN.
2
H2BI
0
R/(W)*
Write End Interrupt
This status flag indicates that the host has finished
writing all data to the BTDTR buffer. When the
IBFIE3 bit and H2BIE bit are set to 1, the IBFI3
interrupt is requested to the slave.
0: [Clearing condition]
After the slave reads H2BI = 1, writes 0 to this bit.
1: [Setting condition]
When the slave detects the falling edge of
H2B_ATN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com