công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 773 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 773 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 769Page - Renesas Technology Corp H8S/2472 Datasheet HTML 770Page - Renesas Technology Corp H8S/2472 Datasheet HTML 771Page - Renesas Technology Corp H8S/2472 Datasheet HTML 772Page - Renesas Technology Corp H8S/2472 Datasheet HTML 773Page - Renesas Technology Corp H8S/2472 Datasheet HTML 774Page - Renesas Technology Corp H8S/2472 Datasheet HTML 775Page - Renesas Technology Corp H8S/2472 Datasheet HTML 776Page - Renesas Technology Corp H8S/2472 Datasheet HTML 777Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 773 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 725 of 1198
REJ09B0403-0200
R/W
Bit
Bit Name
Initial
Value
Slave Host Description
1
HBTWIE
0
R/W
BTDTR Host Write Start Interrupt Enable
Enables or disables the HBTWI interrupt which is an
IBFI3 interrupt source to the slave.
0: BTDTR host write start interrupt is disabled.
1: BTDTR host write start interrupt is enabled.
0
HBTRIE
0
R/W
BTDTR Host Read End Interrupt Enable
Enables or disables the HBTRI interrupt which is an
IBFI3 interrupt source to the slave.
0: BTDTR host read end interrupt is disabled.
1: BTDTR host read end interrupt is enabled.
Note:
X Don't care.
19.3.28
BT Control Status Register 1 (BTCSR1)
BTCSR1 is one of the registers used to implement the BT mode. The BTCSR1 register contains
the bits used to enable or disable interrupts to the slave (this LSI). The IBFI3 interrupt is enabled
by setting the IBFIE3 bit in HICR2 to 1.
R/W
Bit
Bit Name
Initial
Value
Slave Host
Description
7
RSTRENBL 0
R/W
Slave Reset Read Enable
The host reads 0 from the BMC_HWRST bit in
BTIMSR. When this bit is set to 1, the host can read
1 from the BMC_HWRST bit.
0: Host always reads 0 from BMC_HWRST
1: Host can reads 0 from BMC_HWRST
6
HRSTIE
0
R/W
BT Reset Interrupt Enable
Enables or disables the HRSTI interrupt which is an
IBFI3 interrupt source to the slave.
0: BT reset interrupt is disabled.
1: BT reset interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com