công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 776 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 776 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 772Page - Renesas Technology Corp H8S/2472 Datasheet HTML 773Page - Renesas Technology Corp H8S/2472 Datasheet HTML 774Page - Renesas Technology Corp H8S/2472 Datasheet HTML 775Page - Renesas Technology Corp H8S/2472 Datasheet HTML 776Page - Renesas Technology Corp H8S/2472 Datasheet HTML 777Page - Renesas Technology Corp H8S/2472 Datasheet HTML 778Page - Renesas Technology Corp H8S/2472 Datasheet HTML 779Page - Renesas Technology Corp H8S/2472 Datasheet HTML 780Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 776 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 728 of 1198
REJ09B0403-0200
R/W
Bit
Bit Name
Initial
Value
Slave
Host
Description
4
BEVT_ATN 0
R/(W)*
1
R/(W)*
5
Event Interrupt
Sets when the slave detects an event to the host.
Setting the B2H_IRQ_EN bit in the BTIMSR
register enables the BEVT_ATN bit to be used as
an interrupt source to the host.
0: No event interrupt request is available
[Clearing condition]
When the host writes a 1 to the bit.
1: An event interrupt request is available
[Setting condition]
When the slave writes a 1 after a 0 has been read
from BEVT_ATN.
3
B2H_ATN
0
R/(W)*
1
R/(W)*
5
Slave Buffer Write End Indication Flag
This status flag indicates that the slave has
finished writing all data to the BTDTR buffer.
Setting the B2H_IRQ_EN bit in the BTIMSR
register enables the B2H_ATN bit to be used as
an interrupt source to the host.
0: Host has completed reading the BTDTR buffer
[Clearing condition]
When the host writes a 1
1: Slave has completed writing to the BTDTR
buffer
[Setting condition]
When the slave writes a 1 after a 0 has been read
from B2N_ATN.
2
H2B_ATN
0
R/(W)*
2
R/(W)*
1
Host Buffer Write End Indication Flag
This status flag indicates that the host has finished
writing all data to the BTDTR buffer.
0: Slave has completed reading the BTDTR buffer
[Clearing condition]
When the slave writes a 0 after a 1 has been read
from H2B_ATN.
1: Host has completed writing to the BTDTR buffer
[Setting condition]
When the host writes a 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com