công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 778 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 778 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 774Page - Renesas Technology Corp H8S/2472 Datasheet HTML 775Page - Renesas Technology Corp H8S/2472 Datasheet HTML 776Page - Renesas Technology Corp H8S/2472 Datasheet HTML 777Page - Renesas Technology Corp H8S/2472 Datasheet HTML 778Page - Renesas Technology Corp H8S/2472 Datasheet HTML 779Page - Renesas Technology Corp H8S/2472 Datasheet HTML 780Page - Renesas Technology Corp H8S/2472 Datasheet HTML 781Page - Renesas Technology Corp H8S/2472 Datasheet HTML 782Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 778 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 730 of 1198
REJ09B0403-0200
19.3.30
BT Data Buffer (BTDTR)
BTDTR is used to implement the BT mode. BTDTR consists of two FIFOs: the host write transfer
FIFO and the host read transfer FIFO. Their capacities are 64 bytes each. When using BTDTR,
enable FIFO by means of the bits FSEL0 and FSEL1.
R/W
Bit
Bit Name
Initial
Value
Slave Host
Description
7 to 0 bit7 to bit0 Undefined R/W
R/W
The data written by the host is stored in FIFO (64
bytes) for host write transfer and read out by the
slave in order of host writing. The data written by the
slave is stored in FIFO (64 bytes) for host read
transfer and read out by the host in order of slave
writing.
19.3.31
BT Interrupt Mask Register (BTIMSR)
BTIMSR is one of the registers used to implement BT mode. The BTIMSR register contains the
bits used to control the interrupts to the host.
R/W
Bit
Bit Name
Initial
Value
Slave
Host
Description
7
BMC_
HWRST
0
R/(W)*
2
R/(W)*
1
Slave Reset
Performs a reset from the host to the slave. The
host can only write a 1. Writing a 0 to this bit is
invalid. The host will always return a 0 on read
out. Setting the RSTRENBL bit enables a 1 to be
read from the host.
0: The reset is cancelled
[Clearing condition]
When the slave writes a 0, after a 1 has been
read from BMC_HWRST.
1: The reset is in progress.
[Setting condition]
When the host writes a 1.
6
5
0
0
R/W
R/W
R/W
R/W
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com