công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 782 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 782 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 778Page - Renesas Technology Corp H8S/2472 Datasheet HTML 779Page - Renesas Technology Corp H8S/2472 Datasheet HTML 780Page - Renesas Technology Corp H8S/2472 Datasheet HTML 781Page - Renesas Technology Corp H8S/2472 Datasheet HTML 782Page - Renesas Technology Corp H8S/2472 Datasheet HTML 783Page - Renesas Technology Corp H8S/2472 Datasheet HTML 784Page - Renesas Technology Corp H8S/2472 Datasheet HTML 785Page - Renesas Technology Corp H8S/2472 Datasheet HTML 786Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 782 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 734 of 1198
REJ09B0403-0200
An LPC transfer cycle is started when the
LFRAME signal goes low in the bus idle state. If the
LFRAME signal goes low when the bus is not idle, this means that a forced termination (abort) of
the LPC transfer cycle has been requested.
In an I/O read cycle or I/O write cycle, transfer is carried out using LAD3 to LAD0 in the
following order, in synchronization with LCLK. The host can be made to wait by sending back a
value other than B'0000 in the slave's synchronization return cycle, but the LPC interface of this
LSI always returns B'0000 (except for the BT interface).
If the received address matches the host address for an LPC register, the LPC interface enters the
busy state; it returns to the idle state by output of a state count 12 turnaround. Register and flag
changes are made at this timing, so in the event of a transfer cycle forced termination (abort),
registers and flags are not changed.
The timing of the
LFRAME, LCLK, and LAD signals is shown in figures 19.2 and 19.3.
Table 19.5
LPC I/O Cycle
I/O Read Cycle
I/O Write Cycle
State
Count
Contents
Drive
Source
Value
(3 to 0)
Contents
Drive
Source
Value
(3 to 0)
1
Start
Host
0000
Start
Host
0000
2
Cycle type/direction
Host
0000
Cycle type/direction
Host
0010
3
Address 1
Host
Bits 15 to 12
Address 1
Host
Bits 15 to 12
4
Address 2
Host
Bits 11 to 8
Address 2
Host
Bits 11 to 8
5
Address 3
Host
Bits 7 to 4
Address 3
Host
Bits 7 to 4
6
Address 4
Host
Bits 3 to 0
Address 4
Host
Bits 3 to 0
7
Turnaround (recovery) Host
1111
Data 1
Host
Bits 3 to 0
8
Turnaround
None
ZZZZ
Data 2
Host
Bits 7 to 4
9
Synchronization
Slave
0000
Turnaround (recovery) Host
1111
10
Data 1
Slave
Bits 3 to 0
Turnaround
None
ZZZZ
11
Data 2
Slave
Bits 7 to 4
Synchronization
Slave
0000
12
Turnaround (recovery) Slave
1111
Turnaround (recovery) Slave
1111
13
Turnaround
None
ZZZZ
Turnaround
None
ZZZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com