công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 785 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 785 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 781Page - Renesas Technology Corp H8S/2472 Datasheet HTML 782Page - Renesas Technology Corp H8S/2472 Datasheet HTML 783Page - Renesas Technology Corp H8S/2472 Datasheet HTML 784Page - Renesas Technology Corp H8S/2472 Datasheet HTML 785Page - Renesas Technology Corp H8S/2472 Datasheet HTML 786Page - Renesas Technology Corp H8S/2472 Datasheet HTML 787Page - Renesas Technology Corp H8S/2472 Datasheet HTML 788Page - Renesas Technology Corp H8S/2472 Datasheet HTML 789Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 785 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 737 of 1198
REJ09B0403-0200
Wait for BUSY = 0
Waits for
RX_DATA_RDY = 1
Host confirms the BUSY bit in SMICFLG.
The bit indicates slave (this LSI) is ready for receiving a new control code.
When BUSY = 1, access from host is disabled.
Slave confirms the rising edge of the BUSY bit in SMICFLG.
The BUSYI bit in SMICIR0 is set.
Host confirms the falling edge of the BUSY bit in SMICFLG.
An interrupt is generated.
Slave clears the RX_DATA_RDY bit in SMICFLG.
Host confirms the RX_DATA_RDY bit in SMICFLG.
Host writes the Read control code to SMICCSR.
Slave writes transfer data to SMICDTR according to
Read control code.
Host reads transfer data in SMICDTR.
Slave writes the status code to SMICCSR to notify the
processing completion status.
Slave clears the BUSY bit in SMICFLG to indicate transfer
completion.
Slave confirms that status code is read from SMICCSR
by host.
The STARI bit in SMICIR0 is set.
Slave confirms that valid data is read from SMICDTR
by host.
The HDTRI bit in SMICIR0 is set.
Slave confirms that control code is written to SMICCSR
by host.
The CTLWI bit in SMICIR0 is set.
Slave reads the control code in SMICCSR.
Host confirms the status code in SMICCSR.
In the case of normal completion, the status code is reflected to the next step.
In the case of abnormal completion, the status code is READY and an error
is kept.
Host sets the BUSY bit in SMICFLG.
Write control code
BUSY = 1
RX_DATA_RDY = 0
Write status code
BUSY = 0
Generate slave
interrupt
Generate host
interrupt
Generate slave
interrupt
Generate slave
interrupt
Generate slave
interrupt
Read control code
Write transfer data
Read transfer data
Read status code
A
A
Bit that indicates slave is ready for read transfer.
Issues when slave is ready for the next read transfer.
Slave waits for the BUSY bit in SMICFLG is set.
Normal
Abnormal
Host
Slave
Figure 19.5 SMIC Read Transfer Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com