| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2472 bảng dữ liệu(PDF) 784 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 bảng dữ liệu(HTML) 784 Page - Renesas Technology Corp |
|
784 / 1250 page ![]() Section 19 LPC Interface (LPC) Rev. 2.00 Aug. 20, 2008 Page 736 of 1198 REJ09B0403-0200 Wait for BUSY = 0 Wait for TX_DATA_RDY = 1 Host confirms the BUSY bit in SMICFLG. The bit indicates slave (this LSI) is ready for receiving a new control code. When BUSY = 1, access from host is disabled. Slave confirms the rising edge of the BUSY bit in SMICFLG. The BUSYI bit in SMICIR0 is set. Host confirms the falling edge of the BUSY bit in SMICFLG. An interrupt is generated. Slave clears the TX_DATA_RDY bit in SMICFLG. Host confirms the TX_DATA_RDY bit in SMICFLG. The confirmation is unnecessary when Write Start control is issued. Host writes the Write control code in SMICCSR. Host writes transfer data in SMICDTR. Slave reads transfer data in SMICDTR according to Write control code. Slave writes the status code to SMICCSR to notify the processing completion status. Slave clears the BUSY bit in SMICFLG to indicate transfer completion. Slave confirms that status code is read from SMICCSR by host. The STARI bit in SMICIR0 is set. Slave confirms that valid data is written to SMICDTR by host. The HDTWI bit in SMICIR0 is set. Slave reads the control code in SMICCSR. Host confirms the status code in SMICCSR. In the case of normal completion, the status code is reflected to the next step. In the case of abnormal completion, the status code is READY and an error is kept. Host sets the BUSY bit in SMICFLG. Write control code Write transfer data BUSY = 1 TX_DATA_RDY = 0 Write status code BUSY = 0 Generate slave interrupt Generate host interrupt Generate slave interrupt Generate slave interrupt Generate slave interrupt Normal Abnormal Read control code Read transfer data Read status code A A Bit that indicates slave is ready for write transfer. Issues when slave is ready for the next write transfer. Host Slave Slave waits for the BUSY bit in SMICFLG is set. Slave confirms that control code is written to SMICCSR by host. The CTLWI bit in SMICIR0 is set. Figure 19.4 SMIC Write Transfer Flow |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |