công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 780 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 780 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 776Page - Renesas Technology Corp H8S/2472 Datasheet HTML 777Page - Renesas Technology Corp H8S/2472 Datasheet HTML 778Page - Renesas Technology Corp H8S/2472 Datasheet HTML 779Page - Renesas Technology Corp H8S/2472 Datasheet HTML 780Page - Renesas Technology Corp H8S/2472 Datasheet HTML 781Page - Renesas Technology Corp H8S/2472 Datasheet HTML 782Page - Renesas Technology Corp H8S/2472 Datasheet HTML 783Page - Renesas Technology Corp H8S/2472 Datasheet HTML 784Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 780 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 732 of 1198
REJ09B0403-0200
19.3.32
BT FIFO Valid Size Register 0 (BTFVSR0)
BTFVSR0 is one of the registers used to implement BT mode. BTFVSR0 indicates a valid data
size in the FIFO for host write transfer.
R/W
Bit
Bit Name Initial Value Slave Host Description
7 to 0 N7 to N0 All 0
R
These bits indicate the number of valid bytes in the
FIFO (the number of bytes which the slave can
read) for host write transfer. When data is written
from the host, the value in BTFVSR0 is incremented
by the number of bytes that have been written to.
Further, when data is read from the slave, the value
is decremented by only the number of bytes that
have been read.
19.3.33
BT FIFO Valid Size Register 1 (BTFVSR1)
BTFVSR1 is one of the registers used to implement BT mode. BTFVSR1 indicates a valid data
size in the FIFO for host read transfer.
R/W
Bit
Bit Name Initial Value Slave Host Description
7 to 0 N7 to N0
All 0
R
These bits indicate the number of valid bytes in the
FIFO (the number of bytes which the host can read)
for host read transfer. When data is written from the
slave, the value in BTFVSR1 is incremented by the
number of bytes that have been written to. Further,
when data is read from the host, the value is
decremented by only the number of bytes that have
been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com