công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 775 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 775 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 771Page - Renesas Technology Corp H8S/2472 Datasheet HTML 772Page - Renesas Technology Corp H8S/2472 Datasheet HTML 773Page - Renesas Technology Corp H8S/2472 Datasheet HTML 774Page - Renesas Technology Corp H8S/2472 Datasheet HTML 775Page - Renesas Technology Corp H8S/2472 Datasheet HTML 776Page - Renesas Technology Corp H8S/2472 Datasheet HTML 777Page - Renesas Technology Corp H8S/2472 Datasheet HTML 778Page - Renesas Technology Corp H8S/2472 Datasheet HTML 779Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 775 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 727 of 1198
REJ09B0403-0200
19.3.29
BT Control Register (BTCR)
BTCR is one of the registers used to implement BT mode. The BTCR register contains bits used
in transfer cycle handshaking, and those indicating the completion of data transfer to the buffer.
R/W
Bit
Bit Name
Initial
Value Slave Host
Description
7
B_BUSY
1
R/W
R
BT Write Transfer Busy Flag
Read-only bit from the host. Indicates that the BTDTR
buffer is being used for BT write transfer (write transfer
is in progress.)
0: Indicates waiting for BT write transfer
1: Indicates that the BTDTR buffer is being used
6
H_BUSY
0
R
(W)*
3
BT Read Transfer Busy Flag
This is a set/clear bit from the host. Indicates that the
BTDTR buffer is being used for BT read transfer (read
transfer is in progress.)
0: Indicates waiting for BT read transfer
[Clearing condition]
When the host writes a 1 while H_BUSY is set to 1.
1: Indicates that the BTDTR buffer is being used
[Setting condition]
When the host writes a 1 while H_BUSY is set to 0.
5
OEM0
0
R/W
R/(W)*
4
User defined bit
This bit is defined by the user, and validated only when
set to 1 by a 0 written from the host.
0: [Clearing condition]
When the slave writes a 0 after a 1 has been read
from OEM0.
1: [Setting condition]
When the slave writes a 1, after a 0 has been read
from OEM0, or when the host writes a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com