công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 772 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 772 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 768Page - Renesas Technology Corp H8S/2472 Datasheet HTML 769Page - Renesas Technology Corp H8S/2472 Datasheet HTML 770Page - Renesas Technology Corp H8S/2472 Datasheet HTML 771Page - Renesas Technology Corp H8S/2472 Datasheet HTML 772Page - Renesas Technology Corp H8S/2472 Datasheet HTML 773Page - Renesas Technology Corp H8S/2472 Datasheet HTML 774Page - Renesas Technology Corp H8S/2472 Datasheet HTML 775Page - Renesas Technology Corp H8S/2472 Datasheet HTML 776Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 772 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 724 of 1198
REJ09B0403-0200
19.3.27
BT Control Status Register 0 (BTCSR0)
BTCSR0 is one of the registers used to implement the BT mode. The BTCSR0 register contains
the bits used to switch FIFOs in BT transfer, and enable or disable the interrupts to the slave (this
LSI). The IBFI3 interrupt is enabled by setting the IBFIE3 bit in HICR2 to 1.
R/W
Bit
Bit Name
Initial
Value
Slave Host
Description
7
0
R/W
Reserved
The initial value should not be changed.
6
5
FSEL1
FSEL0
0
0
R/W
R/W
These bits select either FIFO during BT transfer
FSEL1 FSEL0
0
X
:FIFO disabled
1
X
:FIFO enabled
The FIFO size: 64 bytes (for host write transfer),
additional 64 bytes (for host read transfer).
4
FRDIE
0
R/W
FIFO Read Request Interrupt Enable
Enables or disables the FRDI interrupt which is an
IBFI3 interrupt source to the slave.
0: FIFO read request interrupt is disabled.
1: FIFO read request interrupt is enabled.
3
HRDIE
0
R/W
BT Host Read Interrupt Enable
Enables or disables the HRDI interrupt which is an
IBFI3 interrupt source to the slave.
When using FIFO, the HRDIE bit must not be set to 1.
0: BT host read interrupt is disabled.
1: BT host read interrupt is enabled.
2
HWRIE
0
R/W
BT Host Write Interrupt Enable
Enables or disables the HWRI interrupt which is an
IBFI3 interrupt source to the slave.
When using FIFO, the HWRIE bit must not be set to
1.
0: BT host write interrupt is disabled.
1: BT host write interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com