công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 769 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 769 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 765Page - Renesas Technology Corp H8S/2472 Datasheet HTML 766Page - Renesas Technology Corp H8S/2472 Datasheet HTML 767Page - Renesas Technology Corp H8S/2472 Datasheet HTML 768Page - Renesas Technology Corp H8S/2472 Datasheet HTML 769Page - Renesas Technology Corp H8S/2472 Datasheet HTML 770Page - Renesas Technology Corp H8S/2472 Datasheet HTML 771Page - Renesas Technology Corp H8S/2472 Datasheet HTML 772Page - Renesas Technology Corp H8S/2472 Datasheet HTML 773Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 769 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 721 of 1198
REJ09B0403-0200
19.3.26
BT Status Register 1 (BTSR1)
BTSR1 is one of the registers used to implement the BT mode. This register includes a flag that
controls an interrupt to the slave (this LSI).
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
0
R/W
Reserved
The initial value should not be changed.
6
HRSTI
0
R/(W)*
BT Reset Interrupt
This status flag indicates that the BMC_HWRST bit
in BTIMSR is set to 1 by the host. When the IBFIE3
bit and HRSTIE bit are set to 1, IBFI3 interrupt is
requested to the slave.
0: [Clearing condition]
When the slave reads HRSTI = 1 and writes 0 to
this bit.
1: [Setting condition]
When the slave detects the rising edge of
BMC_HWRST.
5
IRQCRI
0
R/(W)*
B2H_IRQ Clear Interrupt
This status flag indicates that the B2H_IRQ bit in
BTIMSR is cleared by the host. When the IBFIE3 bit
and IRQCRIE bit are set to 1, IBFI3 interrupt is
requested to the slave.
0: [Clearing condition]
When the slave reads IRQCRI = 1 and writes 0 to
this bit.
1: [Setting condition]
When the slave detects the falling edge of
B2H_IRQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com