công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 765 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 765 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 761Page - Renesas Technology Corp H8S/2472 Datasheet HTML 762Page - Renesas Technology Corp H8S/2472 Datasheet HTML 763Page - Renesas Technology Corp H8S/2472 Datasheet HTML 764Page - Renesas Technology Corp H8S/2472 Datasheet HTML 765Page - Renesas Technology Corp H8S/2472 Datasheet HTML 766Page - Renesas Technology Corp H8S/2472 Datasheet HTML 767Page - Renesas Technology Corp H8S/2472 Datasheet HTML 768Page - Renesas Technology Corp H8S/2472 Datasheet HTML 769Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 765 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 717 of 1198
REJ09B0403-0200
19.3.24
SMIC Interrupt Register 1 (SMICIR1)
SMICIR1 is one of the registers used to implement SMIC mode. This register includes the bits that
enables/disables an interrupt to the slave. The IBFI3 interrupt is enabled by setting the IBFIE3 bit
in HICR2 to 1.
R/W
Bit
Bit Name Initial Value Slave Host Description
7 to 5
All 0
R/W
Reserved
The initial value should not be changed.
4
HDTWIE 0
R/W
Transfer Data Transmission End Interrupt Enable
Enables or disables HDTWI interrupt that is IBFI3
interrupt source to the slave.
0: Disables transfer data transmission end interrupt
1: Enables transfer data transmission end interrupt
3
HDTRIE
0
R/W
Transfer Data Receive End Interrupt Enable
Enables or disables HDTRI interrupt that is IBFI3
interrupt source to the slave.
0: Disables transfer data receive end interrupt
1: Enables transfer data receive end interrupt
2
STARIE
0
R/W
Status Code Receive End Interrupt Enable
Enables or disables STARI interrupt that is IBFI3
interrupt source to the slave.
0: Disables status code receive end interrupt
1: Enables status code receive end interrupt
1
CTLWIE
0
R/W
Control Code Transmission End Interrupt Enable
Enables or disables CTLWI interrupt that is IBFI3
interrupt source to the slave.
0: Disables control code transmission end interrupt
1: Enables control code transmission end interrupt
0
BUSYIE
0
R/W
Transfer Start Interrupt Enable
Enables or disables BUSYI interrupt that is IBFI3
interrupt source to the slave.
0: Disables transfer start interrupt
1: Enables transfer start interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com