công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 763 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 763 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 759Page - Renesas Technology Corp H8S/2472 Datasheet HTML 760Page - Renesas Technology Corp H8S/2472 Datasheet HTML 761Page - Renesas Technology Corp H8S/2472 Datasheet HTML 762Page - Renesas Technology Corp H8S/2472 Datasheet HTML 763Page - Renesas Technology Corp H8S/2472 Datasheet HTML 764Page - Renesas Technology Corp H8S/2472 Datasheet HTML 765Page - Renesas Technology Corp H8S/2472 Datasheet HTML 766Page - Renesas Technology Corp H8S/2472 Datasheet HTML 767Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 763 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 715 of 1198
REJ09B0403-0200
19.3.23
SMIC Interrupt Register 0 (SMICIR0)
SMICIR0 is one of the registers used to implement SMIC mode. This register includes the bits that
indicate the source of interrupt to the slave.
R/W
Bit
Bit Name Initial Value Slave Host Description
7 to 5
All 0
R/W
Reserved
The initial value should not be changed.
4
HDTWI
0
R/(W)*
Transfer Data Transmission End Interrupt
This is a status flag that indicates that the host has
finished transmitting the transfer data to SMICDTR.
When the IBFIE3 bit and HDTWIE bit are set to 1,
the IBFI3 interrupt is requested to the slave.
0: Transfer data transmission wait state
[Clearing condition]
After the slave reads HDTWI = 1, writes 0 to this bit.
1: Transfer data transmission end
[Setting condition]
The transfer cycle is write transfer and the host
writes the transfer data to SMICDTR.
3
HDTRI
0
R/(W)*
Transfer Data Receive End Interrupt
This is a status flag that indicates that the host has
finished receiving the transfer data from SMICDTR.
When the IBFIE3 bit and HDTRIE bit are set to 1,
the IBFI3 interrupt is requested to the slave.
0: Transfer data receive wait state
[Clearing condition]
After the slave reads HDTRI = 1, writes 0 to this bit.
1: Transfer data receive end
[Setting condition]
The transfer cycle is read transfer and the host
reads the transfer data from SMICDTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com