công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 761 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 761 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 757Page - Renesas Technology Corp H8S/2472 Datasheet HTML 758Page - Renesas Technology Corp H8S/2472 Datasheet HTML 759Page - Renesas Technology Corp H8S/2472 Datasheet HTML 760Page - Renesas Technology Corp H8S/2472 Datasheet HTML 761Page - Renesas Technology Corp H8S/2472 Datasheet HTML 762Page - Renesas Technology Corp H8S/2472 Datasheet HTML 763Page - Renesas Technology Corp H8S/2472 Datasheet HTML 764Page - Renesas Technology Corp H8S/2472 Datasheet HTML 765Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 761 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 713 of 1198
REJ09B0403-0200
19.3.20
SMIC Flag Register (SMICFLG)
SMICFLG is one of the registers used to implement SMIC mode. This register includes bits that
indicate whether or not the system is ready to data transfer and those that are used for handshake
of the transfer cycles.
R/W
Bit Bit Name
Initial Value Slave Host Description
7
RX_DATA_RDY
0
R/W
R
Read Transfer Ready
Indicates whether or not the slave is ready for
the host read transfer.
0: Slave waits for ready status
1: Slave is ready for the host read transfer
6
TX_DATA_RDY
0
R/W
R
Write Transfer Ready
Indicates whether or not the slave is ready for
the host next write transfer.
0: The slave waits for ready status
1: The slave is ready for the host write
transfer.
5
0
R/W
R
Reserved
The initial value should not be changed.
4
SMI
0
R/W
R
SMI Flag
This bit indicates that the SMI is asserted.
0: Indicates waiting for SMI assertion
1: Indicates SMI assertion
3
SEVT_ATN
0
R/W
R
Event Flag
When the slave detects an event for the host,
this bit is set.
0: Indicates waiting for event detection
1: Indicates event detection
2
SMS_ATN
0
R/W
R
SMS Flag
When there is a message to be transmitted
from the slave to the host, this bit is set.
0: There is not a message
1: There is a message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com