công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 762 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 762 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 758Page - Renesas Technology Corp H8S/2472 Datasheet HTML 759Page - Renesas Technology Corp H8S/2472 Datasheet HTML 760Page - Renesas Technology Corp H8S/2472 Datasheet HTML 761Page - Renesas Technology Corp H8S/2472 Datasheet HTML 762Page - Renesas Technology Corp H8S/2472 Datasheet HTML 763Page - Renesas Technology Corp H8S/2472 Datasheet HTML 764Page - Renesas Technology Corp H8S/2472 Datasheet HTML 765Page - Renesas Technology Corp H8S/2472 Datasheet HTML 766Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 762 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 714 of 1198
REJ09B0403-0200
R/W
Bit
Bit Name Initial Value Slave
Host Description
1
0
R/W
R
Reserved
The initial value should not be changed.
0
BUSY
0
R/(W)* W
SMIC Busy
This bit indicates that the slave is now transferring
data. This bit can be cleared only by the slave and
set only by the host.
The rising edge of this bit is a source of internal
interrupt to the slave.
0: Transfer cycle wait state
[Clearing conditions]
After the slave reads BUSY = 1, writes 0 to this bit.
1: Transfer cycle in progress
[Setting condition]
When the host writes 1 to this bit.
Note:
Only 0 can be written to clear the flag.
19.3.21
SMIC Control Status Register (SMICCSR)
SMICCSR is one of the registers used to implement SMIC mode. This is an 8-bit
readable/writable register that stores a control code issued from the host and a status code that is
returned from the slave.
The control code is written to this register accompanied by the transfer between the host and slave.
The status code is returned to this register to indicate that the slave has recognized the control
code, and a specified transfer cycle has been completed.
19.3.22
SMIC Data Register (SMICDTR)
SMICDTR is one of the registers used to implement SMIC mode. This is an 8-bit register that is
accessible (readable/writable) from both the slave processor (this LSI) and host processor. This is
used for data transfer between the host and slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com