công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 764 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 764 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 760Page - Renesas Technology Corp H8S/2472 Datasheet HTML 761Page - Renesas Technology Corp H8S/2472 Datasheet HTML 762Page - Renesas Technology Corp H8S/2472 Datasheet HTML 763Page - Renesas Technology Corp H8S/2472 Datasheet HTML 764Page - Renesas Technology Corp H8S/2472 Datasheet HTML 765Page - Renesas Technology Corp H8S/2472 Datasheet HTML 766Page - Renesas Technology Corp H8S/2472 Datasheet HTML 767Page - Renesas Technology Corp H8S/2472 Datasheet HTML 768Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 764 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 716 of 1198
REJ09B0403-0200
R/W
Bit
Bit Name Initial Value Slave Host Description
2
STARI
0
R/(W)*
Status Code Receive End Interrupt
This is a status flag that indicates that the host has
finished receiving the status code from SMICCSR.
When the IBFIE3 bit and STARIE bit are set to 1, the
IBFI3 interrupt is requested to the slave.
0: Status code receive wait state
[Clearing condition]
After the slave reads STARI = 1, writes 0 to this bit.
1: Status code receive end
[Setting condition]
When the host reads the status code of SMICCSR.
1
CTLWI
0
R/(W)*
Control Code Transmission End Interrupt
This is a status flag that indicates that the host has
finished transmitting the control code to SMICCSR.
When the IBFIE3 bit and CTLWIE bit are set to1, the
IBFI3 interrupt is requested to the slave.
0: Control code transmission wait state
[Clearing condition]
After the slave reads CTLWI = 1, writes 0 to this bit.
1: Control code transmission end
[Setting condition]
When the host writes the status code to SMICCSR.
0
BUSYI
0
R/(W)*
Transfer Start Interrupt
This is a status flag that indicates that the host starts
transferring. When the IBFIE3 bit and BUSYIE bit
are set to 1, the IBFI3 interrupt is requested to the
slave.
0: Transfer start wait state
[Clearing condition]
After the slave reads BUSYI = 1, writes 0 to this bit.
1: Transfer start
[Setting condition]
When the rising edge of the BUSY bit in SMICFLG is
detected.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com