công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 814 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 814 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 810Page - Renesas Technology Corp H8S/2117R Datasheet HTML 811Page - Renesas Technology Corp H8S/2117R Datasheet HTML 812Page - Renesas Technology Corp H8S/2117R Datasheet HTML 813Page - Renesas Technology Corp H8S/2117R Datasheet HTML 814Page - Renesas Technology Corp H8S/2117R Datasheet HTML 815Page - Renesas Technology Corp H8S/2117R Datasheet HTML 816Page - Renesas Technology Corp H8S/2117R Datasheet HTML 817Page - Renesas Technology Corp H8S/2117R Datasheet HTML 818Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 814 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 788 of 994
REJ09B0452-0100
One erasure processing erases one block. For details on block divisions, refer to figure 24.4. To
erase two or more blocks, update the erase block number and repeat the erasing processing for
each block.
1. Select the on-chip program to be downloaded and the download destination. When the PPVS
bit in FPCS is set to 1, the programming program is selected. Several programming/erasing
programs cannot be selected at one time. If several programs are selected, a download error is
returned to the SS bit in the DPFR parameter. The on-chip RAM start address of the download
destination is specified by FTDAR.
For the procedures to be carried out after setting FKEY, see section 24.8.2 (2), Programming
Procedure in User Program Mode.
2. Set the FEBS parameter necessary for erasure. Set the erase block number (FEBS parameter)
of the user MAT in general register ER0. If a value other than an erase block number of the
user MAT is set, no block is erased even though the erasing program is executed, and an error
is returned to the FPFR parameter.
3. Erasure is executed. Similar to as in programming, the entry point of the erasing program is at
the address which is 16 bytes after #DLTOP (start address of the download destination
specified by FTDAR). Call the subroutine to execute erasure by using the following steps.
MOV.L #DLTOP+16, ER2
; Set entry address to ER2
JSR
@ER2
; Call erasing routine
NOP
•
The general registers other than R0L are held in the erasing program.
•
R0L is a return value of the FPFR parameter.
•
Since the stack area is used in the erasing program, a stack area of 128 bytes at the
maximum must be allocated in RAM.
4. The return value in the erasing program, the FPFR parameter is determined.
5. Determine whether erasure of the necessary blocks has finished. If more than one block is to
be erased, update the FEBS parameter and repeat steps 2 to 5.
6. After erasure completes, clear FKEY and specify software protection. If this LSI is restarted by
a reset immediately after erasure has finished, secure the reset input period (period of
RES = 0)
of at least 100
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com