công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 810 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 810 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 806Page - Renesas Technology Corp H8S/2117R Datasheet HTML 807Page - Renesas Technology Corp H8S/2117R Datasheet HTML 808Page - Renesas Technology Corp H8S/2117R Datasheet HTML 809Page - Renesas Technology Corp H8S/2117R Datasheet HTML 810Page - Renesas Technology Corp H8S/2117R Datasheet HTML 811Page - Renesas Technology Corp H8S/2117R Datasheet HTML 812Page - Renesas Technology Corp H8S/2117R Datasheet HTML 813Page - Renesas Technology Corp H8S/2117R Datasheet HTML 814Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 810 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 784 of 994
REJ09B0452-0100
 To hold a level-detection interrupt request, the interrupt must continue to be input until the
download is completed.
 Allocate a stack area of 128 bytes at the maximum in the on-chip RAM before setting the
SCO bit to 1.
3. FKEY is cleared to H'00 for protection.
4. The download result must be confirmed by the value of the DPFR parameter. Check the value
of the DPFR parameter (one byte of start address of the download destination specified by
FTDAR). If the value of the DPFR parameter is H'00, download has been performed normally.
If the value is not H'00, the source that caused download to fail can be investigated by the
description below.
 If the value of the DPFR parameter is the same as that before downloading, the setting of
the start address of the download destination in FTDAR may be abnormal. In this case,
confirm the setting of the TDER bit in FTDAR.
 If the value of the DPFR parameter is different from that before downloading, check the SS
bit or FK bit in the DPFR parameter to confirm the download program selection and FKEY
setting, respectively.
5. The operating frequency of the CPU is set in the FPEFEQ parameter for initialization. The
settable operating frequency of the FPEFEQ parameter ranges from 8 to 32 MHz. When the
frequency is set otherwise, an error is returned to the FPFR parameter of the initialization
program and initialization is not performed. For details on setting the frequency, see section
24.7.2 (3), Flash Program/Erase Frequency Parameter (FPEFEQ: General Register ER0 of
CPU).
6. Initialization is executed. The initialization program is downloaded together with the
programming program to the on-chip RAM. The entry point of the initialization program is at
the address which is 32 bytes after #DLTOP (start address of the download destination
specified by FTDAR). Call the subroutine to execute initialization by using the following
steps.
MOV.L #DLTOP+32,ER2
; Set entry address to ER2
JSR
@ER2
; Call initialization routine
NOP
 The general registers other than R0L are held in the initialization program.
 R0L is a return value of the FPFR parameter.
 Since the stack area is used in the initialization program, a stack area of 128 bytes at the
maximum must be allocated in RAM.
 Interrupts can be accepted during execution of the initialization program. Make sure the
program storage area and stack area in the on-chip RAM and register values are not
overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com