công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 811 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 811 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 807Page - Renesas Technology Corp H8S/2117R Datasheet HTML 808Page - Renesas Technology Corp H8S/2117R Datasheet HTML 809Page - Renesas Technology Corp H8S/2117R Datasheet HTML 810Page - Renesas Technology Corp H8S/2117R Datasheet HTML 811Page - Renesas Technology Corp H8S/2117R Datasheet HTML 812Page - Renesas Technology Corp H8S/2117R Datasheet HTML 813Page - Renesas Technology Corp H8S/2117R Datasheet HTML 814Page - Renesas Technology Corp H8S/2117R Datasheet HTML 815Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 785 of 994
REJ09B0452-0100
7. The return value in the initialization program, the FPFR parameter is determined.
8. All interrupts and the use of a bus master other than the CPU are disabled during
programming/erasing. The specified voltage is applied for the specified time when
programming or erasing. If interrupts occur or the bus mastership is moved to other than the
CPU during programming/erasing, causing a voltage exceeding the specifications to be
applied, the flash memory may be damaged. Therefore, interrupts are disabled by setting bit 7
(I bit) in the condition code register (CCR) to B'1 in interrupt control mode 0 and by setting
bits 2 to 0 (I2 to I0 bits) in the extend register (EXR) to B'111 in interrupt control mode 2.
Accordingly, interrupts other than NMI are held and not executed. Configure the user system
so that NMI interrupts do not occur. The interrupts that are held must be executed after all
programming completes.
9. FKEY must be set to H'5A and the user MAT must be prepared for programming.
10. The parameters required for programming are set. The start address of the programming
destination on the user MAT (FMPAR parameter) is set in general register ER1. The start
address of the program data storage area (FMPDR parameter) is set in general register ER0.
 Example of FMPAR parameter setting: When an address other than one in the user MAT
area is specified for the start address of the programming destination, even if the
programming program is executed, programming is not executed and an error is returned to
the FPFR parameter. Since the program data for one programming operation is 128 bytes,
the lower eight bits of the address must be H'00 or H'80 to be aligned with the 128-byte
boundary.
 Example of FMPDR parameter setting: When the storage destination for the program data
is flash memory, even if the programming routine is executed, programming is not
executed and an error is returned to the FPFR parameter. In this case, the program data
must be transferred to the on-chip RAM and then programming must be executed.
11. Programming is executed. The entry point of the programming program is at the address which
is 16 bytes after #DLTOP (start address of the download destination specified by FTDAR).
Call the subroutine to execute programming by using the following steps.
MOV.L
#DLTOP+16,ER2
; Set entry address to ER2
JSR
@ER2
; Call programming routine
NOP
 The general registers other than R0L are held in the programming program.
 R0L is a return value of the FPFR parameter.
 Since the stack area is used in the programming program, a stack area of 128 bytes at the
maximum must be allocated in RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com