công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 815 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 815 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 811Page - Renesas Technology Corp H8S/2117R Datasheet HTML 812Page - Renesas Technology Corp H8S/2117R Datasheet HTML 813Page - Renesas Technology Corp H8S/2117R Datasheet HTML 814Page - Renesas Technology Corp H8S/2117R Datasheet HTML 815Page - Renesas Technology Corp H8S/2117R Datasheet HTML 816Page - Renesas Technology Corp H8S/2117R Datasheet HTML 817Page - Renesas Technology Corp H8S/2117R Datasheet HTML 818Page - Renesas Technology Corp H8S/2117R Datasheet HTML 819Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 815 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 789 of 994
REJ09B0452-0100
24.8.3
User Boot Mode
This LSI has user boot mode that is initiated with different mode pin settings than those in boot
mode or user program mode. User boot mode is a user-arbitrary boot mode, unlike boot mode that
uses the on-chip SCI.
Only the user MAT can be programmed/erased in user boot mode. Programming/erasing of the
user boot MAT is only enabled in boot mode or programmer mode.
(1)
User Boot Mode Initiation
For the mode pin settings to start up user boot mode, see table 24.7.
When the reset start is executed in user boot mode, the built-in check routine runs. The user MAT
and user boot MAT states are checked by this check routine.
While the check routine is running, NMI and all other interrupts cannot be accepted.
Next, processing starts from the execution start address of the reset vector in the user boot MAT.
At this point, H'AA is set to FMATS because the execution target MAT is the user boot MAT.
(2)
User MAT Programming in User Boot Mode
For programming the user MAT in user boot mode, additional processing made by setting FMATS
is required: switching from user-boot-MAT selection state to user-MAT selection state, and
switching back to user-boot-MAT selection state after programming completes.
Figure 24.14 shows the procedure for programming the user MAT in user boot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com