công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 817 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 817 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 813Page - Renesas Technology Corp H8S/2117R Datasheet HTML 814Page - Renesas Technology Corp H8S/2117R Datasheet HTML 815Page - Renesas Technology Corp H8S/2117R Datasheet HTML 816Page - Renesas Technology Corp H8S/2117R Datasheet HTML 817Page - Renesas Technology Corp H8S/2117R Datasheet HTML 818Page - Renesas Technology Corp H8S/2117R Datasheet HTML 819Page - Renesas Technology Corp H8S/2117R Datasheet HTML 820Page - Renesas Technology Corp H8S/2117R Datasheet HTML 821Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 817 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 791 of 994
REJ09B0452-0100
MAT switching is enabled by writing a specific value to FMATS. Note, however, that while the
MATs are being switched, the LSI is in an unstable state, e.g. access to a MAT is not allowed until
MAT switching is completed, and if an interrupt occurs, from which MAT the interrupt vector is
read is undetermined. Perform MAT switching in accordance with the description in section
24.10, Switching between User MAT and User Boot MAT.
Except for MAT switching, the programming procedure is the same as that in user program mode.
The area that can be executed in the steps of the user procedure program (on-chip RAM and user
MAT) is shown in section 24.8.4, Storable Areas for On-Chip Program and Program Data.
(3)
User MAT Erasing in User Boot Mode
For erasing the user MAT in user boot mode, additional processing made by setting FMATS are
required: switching from user-boot-MAT selection state to user-MAT selection state, and
switching back to user-boot-MAT selection state after erasing completes.
Figure 24.15 shows the procedure for erasing the user MAT in user boot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com