công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 816 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 816 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 812Page - Renesas Technology Corp H8S/2117R Datasheet HTML 813Page - Renesas Technology Corp H8S/2117R Datasheet HTML 814Page - Renesas Technology Corp H8S/2117R Datasheet HTML 815Page - Renesas Technology Corp H8S/2117R Datasheet HTML 816Page - Renesas Technology Corp H8S/2117R Datasheet HTML 817Page - Renesas Technology Corp H8S/2117R Datasheet HTML 818Page - Renesas Technology Corp H8S/2117R Datasheet HTML 819Page - Renesas Technology Corp H8S/2117R Datasheet HTML 820Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 816 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 790 of 994
REJ09B0452-0100
Yes
No
Start erasing
procedure program
Set FKEY to H'A5
Yes
No
Download error processing
Set the FPEFEQ
parameter
End erasing
procedure program
FPFR = 0?
Initialization error processing
Disable interrupts
and bus master operation
other than CPU
Clear FKEY to 0
Set parameters to
ER0 and ER1
(FMPAR and FMPDR)
Yes
No
Clear FKEY and erasing
error processing*
Yes
Required
block erasing is
completed?
No
Set FKEY to H'A5
Clear FKEY to 0
1
1
Set FMATS to value other
than H'AA to select user MAT
Set SCO to 1 and
execute download
Set FMATS to H'AA to
select user boot MAT
User-boot-MAT
selection state
MAT
switchover
MAT
switchover
DPFR
= 0?
Initialization
JSR FTDAR setting
+ 32
Programming
JSR FTDAR setting
+ 16
FPFR
= 0?
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Note: * The MAT must be switched by FMATS
to perform the erasing error processing
in the user boot MAT.
Figure 24.14 Procedure for Programming User MAT in User Boot Mode
The difference between the programming procedures in user program mode and user boot mode is
whether the MAT is switched or not as shown in figure 24.14.
In user boot mode, the user boot MAT can be seen in the flash memory space with the user MAT
hidden in the background. The user MAT and user boot MAT are switched only while the user
MAT is being programmed. Because the user boot MAT is hidden while the user MAT is being
programmed, the procedure program must be executed in an area other than flash memory. After
the programming procedure completes, switch the MATs again to return to the first state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com