công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 813 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 813 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 809Page - Renesas Technology Corp H8S/2117R Datasheet HTML 810Page - Renesas Technology Corp H8S/2117R Datasheet HTML 811Page - Renesas Technology Corp H8S/2117R Datasheet HTML 812Page - Renesas Technology Corp H8S/2117R Datasheet HTML 813Page - Renesas Technology Corp H8S/2117R Datasheet HTML 814Page - Renesas Technology Corp H8S/2117R Datasheet HTML 815Page - Renesas Technology Corp H8S/2117R Datasheet HTML 816Page - Renesas Technology Corp H8S/2117R Datasheet HTML 817Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 813 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 787 of 994
REJ09B0452-0100
(3)
Erasing Procedure in User Program Mode
The procedures for download of the on-chip program, initialization, and erasing are shown in
figure 24.13.
Set FKEY to H'A5
Set SCO to 1 and execute
download
DPFR
= 0?
Yes
No
Download error processing
Set the FPEFEQ
parameter
Yes
End erasing
procedure program
FPFR
= 0 ?
No
Initialization error processing
Disable interrupts and
bus master operation
other than CPU
Clear FKEY to 0
Set FEBS parameter
Yes
FPFR
= 1 ?
No
Clear FKEY and erasing
error processing
Yes
Required block
erasing is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
1.
2.
3.
4.
5.
6.
Initialization
JSR FTDAR setting
+ 32
Erasing
JSR FTDAR setting
+ 16
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Start erasing procedure
program
1
1
Figure 24.13 Erasing Procedure in User Program Mode
The procedure program must be executed in an area other than the user MAT to be erased. Setting
the SCO bit in FCCS to 1 to request download must be executed in the on-chip RAM. The area
that can be executed in the steps of the procedure program (on-chip RAM and user MAT) is
shown in section 24.8.4, Storable Areas for On-Chip Program and Program Data. For the
downloaded on-chip program area, see figure 24.11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com