công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 733 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 733 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 729Page - Renesas Technology Corp H8S/2117R Datasheet HTML 730Page - Renesas Technology Corp H8S/2117R Datasheet HTML 731Page - Renesas Technology Corp H8S/2117R Datasheet HTML 732Page - Renesas Technology Corp H8S/2117R Datasheet HTML 733Page - Renesas Technology Corp H8S/2117R Datasheet HTML 734Page - Renesas Technology Corp H8S/2117R Datasheet HTML 735Page - Renesas Technology Corp H8S/2117R Datasheet HTML 736Page - Renesas Technology Corp H8S/2117R Datasheet HTML 737Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 733 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 707 of 994
REJ09B0452-0100
21.4.4
FSI Memory Cycle (Direct Transfer between LPC and SPI)
The FSI supports direct transfer between the host and SPI flash memory. If the host address input
in LPC/FW memory write cycle matches the host address set in FSIHBARH, FSIHBARL, or
FSISR, the FSI memory cycle starts. In LPC/FW memory write cycle, the FSI supports three types
of instructions: Byte/Page-Program instructions and AAI-Program instruction. In LPC/FW
memory read cycle, the FSI supports two types of instructions: Read instruction and Fast-Read
instruction. In the case that LPC-SPI direct transfer is selected in Byte-Program, Page-Program, or
AAI-Program instruction execution, set FLDCT of SLCR to 1. The FSI reads the data with LPC-
SPI direct transfer regardless of the status of FLDCT in Read and Fast-Read instruction execution.
(1) FSI Address Conversion
The host address can be converted into the SPI flash memory address by setting FSIHBARH,
FSIHBARL, and FSISR. The host address space ranges from H'0000_0000 to H'FFFF_FFFF. The
SPI flash memory address space ranges from H'00_0000 to H'FF_FFFF. Figure 21.3 shows an
example of the FSI memory address conversion.
1MB
SPI addresses
SPI flash memory
Host addresses
H'00_0000
H'0F_FFFF
FSIHBAR: H'231F
FSISR: H'00 (1 MB)
H'231F_0000*
H'232E_FFFF
1 MB
1 MB
Note: * The upper 16 bits of the host address are set to the value in the FSIHBAR register.
Figure 21.3 FSI Address Conversion Example
As shown in figure 21.3, if an address ranging from H'231F_0000 to H'232E_FFFF is accessed in
LPC/FW memory write cycle, the SPI flash memory is accessed. If a host address to be input is
out of the determined range, Sync will not be returned. During an SPI flash memory access, a long
wait cycle will be inserted to the LPC bus cycle. In an LPC memory cycle, one-byte transfer is
enabled. In an FW memory cycle, a byte, word, and a longword transfer are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com