công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 730 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 730 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 726Page - Renesas Technology Corp H8S/2117R Datasheet HTML 727Page - Renesas Technology Corp H8S/2117R Datasheet HTML 728Page - Renesas Technology Corp H8S/2117R Datasheet HTML 729Page - Renesas Technology Corp H8S/2117R Datasheet HTML 730Page - Renesas Technology Corp H8S/2117R Datasheet HTML 731Page - Renesas Technology Corp H8S/2117R Datasheet HTML 732Page - Renesas Technology Corp H8S/2117R Datasheet HTML 733Page - Renesas Technology Corp H8S/2117R Datasheet HTML 734Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 730 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 704 of 994
REJ09B0452-0100
LPC Memory Read Cycles
LPC Memory Write Cycles
State
Counts Content
Driven by
Value (3 to 0)
Content
Driven by
Value (3 to 0)
14
Synchronization
Slave
0000
Turn-around
None
ZZZZ
15
Data 1
Slave
bit 3 to bit 0
Wait*
Slave
0110
16
Data 2
Slave
bit 7 to bit 4
Synchronization
Slave
0000
17
Turn-around
(recovery)
Slave
1111
Turn-around
(recovery)
Slave
1111
18
Turn-around
None
ZZZZ
Turn-around
None
ZZZZ
Note:
*
The number of wait cycles depends on the system.
Table 21.5
FW Memory Read/Write Cycles (Byte Transfer)
FW Memory Read Cycles
FW Memory Write Cycles
State
Counts Content
Driven by
Value (3 to 0)
Content
Driven by
Value (3 to 0)
1
Start
Host
1101
Start
Host
1110
2
Device select Host
ID3 to ID0
Device select Host
ID3 to ID0
3
Address 1
Host
bit 27 to bit 24
Address 1
Host
bit 27 to bit 24
4
Address 2
Host
bit 23 to bit 20
Address 2
Host
bit 23 to bit 20
5
Address 3
Host
bit 19 to bit 16
Address 3
Host
bit 19 to bit 16
6
Address 4
Host
bit 15 to bit 12
Address 4
Host
bit 15 to bit 12
7
Address 5
Host
bit 11 to bit 8
Address 5
Host
bit 11 to bit 8
8
Address 6
Host
bit 7 to bit 4
Address 6
Host
bit 7 to bit 4
9
Address 7
Host
bit 3 to bit 0
Address 7
Host
bit 3 to bit 0
10
Size
Host
0000
Size
Host
0000
11
Turn-around
(recovery)
Host
1111
Data 1
Host
bit 3 to bit 0
12
Turn-around
None
ZZZZ
Data 2
Host
bit 7 to bit 4
13
Wait*
Slave
0110
Turn-around
(recovery)
Host
1111
14
Synchronization
Slave
0000
Turn-around
None
ZZZZ
15
Data 1
Slave
bit 3 to bit 0
Wait*
Slave
0110
16
Data 2
Slave
bit 7 to bit 4
Synchronization
Slave
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com