công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 731 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 731 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 727Page - Renesas Technology Corp H8S/2117R Datasheet HTML 728Page - Renesas Technology Corp H8S/2117R Datasheet HTML 729Page - Renesas Technology Corp H8S/2117R Datasheet HTML 730Page - Renesas Technology Corp H8S/2117R Datasheet HTML 731Page - Renesas Technology Corp H8S/2117R Datasheet HTML 732Page - Renesas Technology Corp H8S/2117R Datasheet HTML 733Page - Renesas Technology Corp H8S/2117R Datasheet HTML 734Page - Renesas Technology Corp H8S/2117R Datasheet HTML 735Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 731 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 705 of 994
REJ09B0452-0100
FW Memory Read Cycles
FW Memory Write Cycles
State
Counts Content
Driven by
Value (3 to 0)
Content
Driven by
Value (3 to 0)
17
Turn-around
(recovery)
Slave
1111
Turn-around
(recovery)
Slave
1111
18
Turn-around
None
ZZZZ
Turn-around
None
ZZZZ
Note:
*
The number of wait cycles depends on the system clock.
The FSI supports byte, word, and longword transfers of FW memory read and write cycles. In
word transfer, the least address bit is fixed to B'0; while in longword transfer, the lower 2 bits are
fixed to B'00. When longword transfers of FW memory write cycles are used, the maximum
operating frequency of the system clock is 10 MHz.
21.4.2
SPI Flash Memory Transfer
The SPI flash memory transfer is performed using FSIDO and FSIDI synchronously with FSICK.
The initial value of FSICK can be either fixed to high or low through programming.
FSISS
FSICK
FSIDO
FSIDI
Bit7
Bit7
Bit6
Bit6
Bit5
Bit5
Bit4
Bit4
Bit3
Bit3
Bit2
Bit2
Bit1
Bit1
Bit0
Bit0
MSB
LSB
MSB
LSB
Figure 21.2 Example of SPI Flash Memory Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com