công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 729 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 729 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 725Page - Renesas Technology Corp H8S/2117R Datasheet HTML 726Page - Renesas Technology Corp H8S/2117R Datasheet HTML 727Page - Renesas Technology Corp H8S/2117R Datasheet HTML 728Page - Renesas Technology Corp H8S/2117R Datasheet HTML 729Page - Renesas Technology Corp H8S/2117R Datasheet HTML 730Page - Renesas Technology Corp H8S/2117R Datasheet HTML 731Page - Renesas Technology Corp H8S/2117R Datasheet HTML 732Page - Renesas Technology Corp H8S/2117R Datasheet HTML 733Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 729 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 703 of 994
REJ09B0452-0100
21.4
Operation
21.4.1
LPC/FW Memory Cycles
In LPC/FW memory read and write cycles, data is transferred using LAD3 to LAD0
synchronously with LCLK. The order of data transfer is shown in table 21.4. In a cycle returning
synchronization signal from the slave, the slave usually returns B'1010 to notify the host of error
occurrence; while the FSI in this LSI always returns B'0000 (Ready) or B'0110 (Long wait).
The FSI becomes busy if the received address matches an address in the host accessible range set
in the registers (FSIHBARH, FSIHBARL, FSISR, and CMDHBAR), and outputs a turn-around
signal to return to the idle state.
Table 21.4
LPC Memory Read/Write Cycles
LPC Memory Read Cycles
LPC Memory Write Cycles
State
Counts Content
Driven by
Value (3 to 0)
Content
Driven by
Value (3 to 0)
1
Start
Host
0000
Start
Host
0000
2
Cycle type/
direction
Host
0100
Cycle type/
direction
Host
0110
3
Address 1
Host
bit 31 to bit 28
Address 1
Host
bit 31 to bit 28
4
Address 2
Host
bit 27 to bit 24
Address 2
Host
bit 27 to bit 24
5
Address 3
Host
bit 23 to bit 20
Address 3
Host
bit 23 to bit 20
6
Address 4
Host
bit 19 to bit 16
Address 4
Host
bit 19 to bit 16
7
Address 5
Host
bit 15 to bit 12
Address 5
Host
bit 15 to bit 12
8
Address 6
Host
bit 11 to bit 8
Address 6
Host
bit 11 to bit 8
9
Address 7
Host
bit 7 to bit 4
Address 7
Host
bit 7 to bit 4
10
Address 8
Host
bit 3 to bit 0
Address 8
Host
bit 3 to bit 0
11
Turn-around
(recovery)
Host
1111
Data 1
Host
bit 3 to bit 0
12
Turn-around
None
ZZZZ
Data 2
Host
bit 7 to bit 4
13
Wait*
Slave
0110
Turn-around
(recovery)
Host
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com