công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 734 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 734 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 730Page - Renesas Technology Corp H8S/2117R Datasheet HTML 731Page - Renesas Technology Corp H8S/2117R Datasheet HTML 732Page - Renesas Technology Corp H8S/2117R Datasheet HTML 733Page - Renesas Technology Corp H8S/2117R Datasheet HTML 734Page - Renesas Technology Corp H8S/2117R Datasheet HTML 735Page - Renesas Technology Corp H8S/2117R Datasheet HTML 736Page - Renesas Technology Corp H8S/2117R Datasheet HTML 737Page - Renesas Technology Corp H8S/2117R Datasheet HTML 738Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 734 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 708 of 994
REJ09B0452-0100
(2) Byte/Page-Program Instruction
If an LPC/FW memory write cycle occurs while the AAIE bit in FSICR1 and the FSIDMYE bit in
FSILSTR1 are cleared to 0, and the FLDCT bit in SLCR and the FLWAIT bit in SLCR are set to
1, the SPI flash memory address and write data are stored in FSIAR and FSIWDR, respectively.
Then, the SPI flash memory address, the write data, and the Byte/Page-Program instruction which
is stored in FSIPPINS in advance are transferred to FSITDR. After SYNC (long wait) has been
returned, the TE bit in FSICR2 is set, starting the Byte/Page-Program instruction execution. When
the transmission has been completed, SYNC (Ready) and TAR are returned to the host. To
execute the Byte-Program instruction, byte transfer access in LPC memory write cycle or FW
memory write cycle should be performed. Figure 21.4 shows an example of data transfer to
FSITDR. Figure 21.5 shows the Page-Program instruction execution timing.
FSIWDR[31:0]
FSIAR[23:0]
FSIPPINS[7:0]
H'67_45_23_01
H'06_4A_70
H'02
FSISFR
FSIWDR[31:24]
FSITDR7
FSITDR6
FSITDR0
FSIDO
FSIWDR[23:16]
FSIWDR[15:8]
FSIWDR[7:0]
FSIAR[7:0]
FSIAR[15:8]
FSIAR[23:16]
H'67
H'45
H'23
H'01
H'70
H'4A
H'06
H'02
Figure 21.4 Data Transfer to FSITDR (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com