công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 737 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 737 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 733Page - Renesas Technology Corp H8S/2117R Datasheet HTML 734Page - Renesas Technology Corp H8S/2117R Datasheet HTML 735Page - Renesas Technology Corp H8S/2117R Datasheet HTML 736Page - Renesas Technology Corp H8S/2117R Datasheet HTML 737Page - Renesas Technology Corp H8S/2117R Datasheet HTML 738Page - Renesas Technology Corp H8S/2117R Datasheet HTML 739Page - Renesas Technology Corp H8S/2117R Datasheet HTML 740Page - Renesas Technology Corp H8S/2117R Datasheet HTML 741Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 711 of 994
REJ09B0452-0100
LCLK
LFRAME
LAD[3:0]
CT
ADDR
DATA TAR
WAIT
SY TAR
φ
FSIAR[23:0]
FSIWDR[31:0]
FSICR2 TE bit
FSITDR7 to
FSITDR0
FSISTR OBF bit
FSISS
FSICK (CPOS = CPHS =0)
FSIDO
H'06-4A-70
H'23
H'23-AF
H'AF->23
Figure 21.7 AAI-Program Instruction Execution Timing
(Second and Following Bytes)
(4) Read Instructions
If an LPC/FW memory read cycle occurs while the FRDE bit in FSICR1 is cleared to 0, the SPI
flash memory address is stored in FSIAR. Then, the SPI flash memory address and the instruction
which is stored in FSIRDINS in advance are transferred to FSITDR. After SYNC (long wait) has
been returned, the RE bit in FSICR2 is set, and Read instruction execution starts. The read data is
then received and stored in FSIRDR. When the reception has been completed, SYNC (Ready),
read data, and TAR are returned to the host. Figure 21.8 shows an example of data transfer to
FSIRDR. Figure 21.9 shows the Read instruction execution timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com