công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 736 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 736 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 732Page - Renesas Technology Corp H8S/2117R Datasheet HTML 733Page - Renesas Technology Corp H8S/2117R Datasheet HTML 734Page - Renesas Technology Corp H8S/2117R Datasheet HTML 735Page - Renesas Technology Corp H8S/2117R Datasheet HTML 736Page - Renesas Technology Corp H8S/2117R Datasheet HTML 737Page - Renesas Technology Corp H8S/2117R Datasheet HTML 738Page - Renesas Technology Corp H8S/2117R Datasheet HTML 739Page - Renesas Technology Corp H8S/2117R Datasheet HTML 740Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 736 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 710 of 994
REJ09B0452-0100
(3) AAI-Program Instruction
If an LPC/FW memory write cycle occurs while the AAIE bit in FSICR1 is set to 1 and the
FSIDMYE bit in FSILSTR1 is cleared to 0, and the FLDCT bit in SLCR and the FLWAIT bit in
SLCR are set to 1, the flash memory address and write data are stored in FSIAR and FSIWDR,
respectively. Then, the flash memory address, write data, and the AAI-Program instruction which
is stored in FSI hardware in advance are transferred to FSITDR. After SYNC (long wait) has been
returned, the transmit enable signal TE is set, and AAI-Program instruction execution starts. In the
first byte, the instruction, address, and data in this order are transmitted to the SPI flash memory.
In the second and the following bytes, an instruction and data in this order are transmitted to the
SPI flash memory. When the transmission has been completed, SYNC (Ready) and TAR are
returned to the host. To execute the AAI-Program instruction, byte transfer access in LPC memory
write cycle or FW memory write cycle should be performed. To return to the AAI-Program
instruction (first byte), clear the AAIE bit once or perform initialization of the FSI internal
sequencer in SRES of FSICR1. After the Read instruction or the LPC-SPI command is transferred
during the AAI-Program instruction execution, the FSI internal sequencer is initialized to return to
the AAI-Program Instruction (first byte). Figures 21.6 and 21.7 show AAI-Program execution
timings.
LCLK
LFRAME
LAD[3:0]
ST CT
ADDR
DATA TAR
WAIT
SY TAR
φ
FSIAR[23:0]
FSIWDR[31:0]
FSICR2 TE bit
FSITDR7 to
FSITDR0
FSISTR OBF bit
FSISS
FSICK (CPOS = CPHS = 0)
FSIDO
H'06-4A-70
H'01-70-4A-06-AF
H'AF->06->4A->70->01
H'01
Figure 21.6 AAI-Program Instruction Execution Timing (First Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com