công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 741 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 741 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 737Page - Renesas Technology Corp H8S/2117R Datasheet HTML 738Page - Renesas Technology Corp H8S/2117R Datasheet HTML 739Page - Renesas Technology Corp H8S/2117R Datasheet HTML 740Page - Renesas Technology Corp H8S/2117R Datasheet HTML 741Page - Renesas Technology Corp H8S/2117R Datasheet HTML 742Page - Renesas Technology Corp H8S/2117R Datasheet HTML 743Page - Renesas Technology Corp H8S/2117R Datasheet HTML 744Page - Renesas Technology Corp H8S/2117R Datasheet HTML 745Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 741 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 715 of 994
REJ09B0452-0100
(2) FSI Command Write
If an LPC/FW memory write cycle for the FSI command space occurs, the FSI performs the FSI-
FLASH command write operation. Figure 21.12 shows an example of FSI Command write
operation.
CMDHBAR: H'EFFF
H'EFFF_0000*
H'EFFF_F000
H'EFFF_F00F
H'EFFF_FFFF
Host address
CMD0
CMD1
CMDE
CMDF
FSICMDR[7:0]
FSICMDI
FSICMDIE
CMDBUSY
Command data (H'00 to H'FF)
B'0
B'1
B'0
B'1
B'1
Interrupt requests
→
→
Note: * The upper 16 bits of the host address are set to the value in the CMDHBAR register.
Figure 21.12 FSI Command Write Operation (Example)
As shown in figure 21.12, if a host address ranging from H'EFFF_F000 to H'EFFF_F00F is
accessed in LPC/FW memory write cycle while the CMDHBAR register is set to H'EFFF, the
write data is stored in FSICMDR, and then the CMDBUSY and FSICMDI flags in FSILSTR1 are
set to 1. In this case, an interrupt is requested according to the FSICMDIE state. Sync is not
returned if the host address to be input is out of the determined range. In FSI command write, no
wait cycle will be inserted to the LPC bus cycle. If the CMDBUSY flag is set to 1, Sync is not
returned during the operations other than FSI command read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com