công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 745 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 745 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 741Page - Renesas Technology Corp H8S/2117R Datasheet HTML 742Page - Renesas Technology Corp H8S/2117R Datasheet HTML 743Page - Renesas Technology Corp H8S/2117R Datasheet HTML 744Page - Renesas Technology Corp H8S/2117R Datasheet HTML 745Page - Renesas Technology Corp H8S/2117R Datasheet HTML 746Page - Renesas Technology Corp H8S/2117R Datasheet HTML 747Page - Renesas Technology Corp H8S/2117R Datasheet HTML 748Page - Renesas Technology Corp H8S/2117R Datasheet HTML 749Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 745 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 719 of 994
REJ09B0452-0100
Written by the CPU
Written by the CPU
Written by the CPU H'4
Written by the CPU H'76-4A-06
Written by the CPU H'52
Cleared by the CPU
Cleared by the CPU
Cleared by the CPU
Cleared by the CPU
Cleared by the CPU
Cleared by the CPU
Automatically cleared
H'00 (Automatically cleared)
STEP1
STEP2
STEP3
H'EFFF_F000
H'EFFF_F000
H'2325_4A76
H'06_4A76
H'52->76->4A-> 06
φ
FSIDMYE
FSICMDI
CMDBUSY
LPC_ADDR
FSIAR[23:0]
TE
TBN
FSITDR3 to
FSITDR1
FSIINS
OBF
FSITEI
FSISS
FSICK
FSIDO
Figure 21.16 Execution Timing of SPI Flash Memory
Step 1:
1. Write an erasure setting command (Host).
2. Generate an FSICMDI interrupt request.
3. Set the FSIDMYE bit in FSILSTR1 to 1 and clear the FSICMDI and CMDBUSY bits in
FSILSTR1 to 0.
4. Complete the interrupt processing.
5. Check that the FSIDMYE bit in FSILSTR1 is set to 1 and that the CMDBUSY and FSICMDI
bits in FSILSTR1 are cleared to 0 (Host).
Step 2:
1. Perform a dummy write to the sector or block address to be erased (Host).
2. Store the SPI flash memory address and write data in the FSIAR register and FSIWDR
register, respectively*.
Note: * Use the data stored in FSIWDR if necessary on the user side.
Step 3:
1. Write an erasure setting command (Host).
2. Generate an FSICMDI interrupt request.
3. Clear the FSICMDI bit in FSILSTR1 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com